Part Number Hot Search : 
BAW56 MS7951 BY299 0213250P IN5179 SGT27B13 SD02H 0505S
Product Description
Full Text Search
 

To Download 20010-81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIVISION OF DELTROL CORP.
100
100U/101U
SERIES RELAY 5 AND 10 AMP GENERAL PURPOSE
FEATURES
s Class F Coil Insulation System for 155C Total Temperature s Coil Molded in DuPont Rynite(R) for Environmental Protection s Unique Armature Stop Maintains Adjustment
MODELS
100: 100RF: 100U: 101U: 101UP: 5 & 10 Amp with Solder Lug Terminals With Diallyl Phthalate Panel For Switching RF 5 Amp Unit with UL and CSA Recognition 10 Amp Unit with UL and CSA Recognition 10 Amp Unit with Printed Circuit Terminals
CONTACT DATA
CONFIGURATION: Thru 3PDT MATERIALS: 5 AMP: 1/8" Diameter Moveable Fine Silver 3/16" Diameter Stationary Fine Silver 10 AMP: 3/16" Diameter Moveable Silver Cadmium Oxide 3/16" Diameter Stationary Fine Silver Gold Flash is Standard on All Contacts Gold Diffused Available on Special Order - Min. Qty. Req'd.
COIL DATA
NOMINAL VOLTAGE 6VAC 12VAC 24VAC 48VAC 120VAC 240VAC 6VAC 12VAC 24VAC 48VAC 120VAC 240VAC 6VDC 12VDC 24VDC 48VDC 110VDC RESISTANCE IN OHMS 10% 5.0 20 80 315 2025 8000 4.5 18 72 285 1850 7200 30 120 480 1850 10,000 NOMINAL COIL POWER
AC Coils Single Pole Units
2.0VA
CONTACT RATINGS
MOVEABLE POLE CONTACT SIZE CONFIGURATION UL RATINGS* 1/8 HP or 5 amp at 120VAC 1/4 HP or 5 amp at 277VAC 5 amp at 28VDC 10 amp or 1/3 HP at 120VAC** 1/2 HP or 10 amp at 277VAC 10 amp at 28VDC
AC Coils 2&3 Pole Units
2.2VA
1/8" Diameter
thru 3PDT
DC Coils 1-3 Pole Units Coil Voltages:
1.2W
3/16" Diameter
thru 3PDT
**UL/CSA On 100U/101U Series Only **3 Pole Devices Rated at 6-2/3 Amp When Switching Greater Than 150VAC, Unless Polarity is the Same on All Poles UL RECOGNIZED FILE NO.: E37066 (100U/101U Only) CSA CERTIFIED FILE NO.: LR20690 (100U/101U Only)
AC: Up to 277 Volts/60 Hz DC: Up to 125 Volts Coil Treatment: Molded Rynite(R) Std. Class F Insulation Resistance: 100 Megohms Minimum UL Insulation System File No.: E74443 S155D 155C Total Temperature Std. (Covers S105 Class A and S130D Class B Requirements)
OPERATE DATA
Pick Up (at 25C): AC Volts 85% or Less of Nominal DC Volts 75% or Less of Nominal Operate Time: Approx. 15 Milliseconds Release Time: Approx. 15 Milliseconds
EXPECTED LIFE
Electrical At Rated Load (Minimum) 100,000 Operations Mechanical Life 10,000,000 Operations
ENVIRONMENTAL DATA
Operating Ambient: AC: -45 to 70C DC: -45 to 85C Coil Temperature Rise: (25C Ambient - Continuous Duty) AC: 45C Approx. @ 60 Hz - Use at 50 Hz will Cause Slight Increase in Coil Rise DC: 25C Approx.
DIELECTRIC STRENGTH
800 VRMS, 60 Hz Between Contacts 1500 VRMS (Model 100), 2200 VRMS (Model 100U/101U), 60 Hz Between Other Elements
MECHANICAL DATA
Terminals: 100/100U/101U Pierced Solder Lugs .125" x .032" 100UP/101UP Printed Circuit Pins Weight: All Versions Approx. 2.0 oz. (57 g)
6
DIMENSIONS [Unit Inch (mm)]
.195 (4.95) 1.26 (32.0) 1.44 (36.58) 1.76 (44.70) MAX 2.03 (51.56) 6-32 NC-2B TAP .312 (7.92) MIN. DEEP 1.26 (32.0)
OPTION WITHOUT STUD
.375 (9.53) 1.25 (31.75) 1.30 (33.02) 1.30 (33.02) .437 (11.10) 6-32 NC-2A THREAD .304 (7.72) .065 (1.65) x .437 (11.10) .156 (3.96) x .218 (5.54) LG. 6-32 NC-2A THREAD .078 (1.98) DIA. .355 (9.02)
.211 (5.36)
.065 (1.65) x .156 (3.96) x .218 (5.54) LG.
.370 (9.40)
100/100RF
100U/101U
100UP/101UP
.355 (9.02)
ORDERING INFORMATION
5 AMP Part Numbers
AC Coils MODEL 100 POLE CONFIGUR. SPDT DPDT 3PDT SPDT DPDT 3PDT SPDT DPDT 3PDT 24VAC 20001-82 20003-82 20005-82 20061-82 20063-82 20065-82 20792-82 20794-82 20796-82 120VAC 20001-84 20003-84 20005-84 20061-84 20063-84* 20065-84 20792-84 20794-84 20796-84 240VAC 20001-85 20003-85 20005-85 20061-85 20063-85 20065-85 20792-85 20794-85 20796-85 12VDC 20007-81 20009-81 20011-81 20067-81 20069-81 20071-81 20798-81 20800-81 20802-81
MOUNTING DIMENSIONS FOR PRINTED CIRCUIT TERMINALS
DC Coils 24VDC 20007-82 20009-82 20011-82 20067-82 20069-82 20071-82 20798-82 20800-82 20802-82 110VDC 20007-84 20009-84 20011-84 20067-84 20069-84 20071-84 20798-84 20800-84 20802-84
100U
100UP
10 AMP Part Numbers
100 SPDT DPDT 3PDT SPDT DPDT 3PDT SPDT DPDT 3PDT 20002-82 20004-82 20006-82 20062-82 20064-82* 20066-82 20793-82 20795-82 20797-82 20002-83 20004-83 20006-83 20062-84* 20064-84* 20066-84 20793-84 20795-84 20797-84 20002-84 20004-84 20006-84 20062-85 20064-85 20066-85 20793-85 20795-85 20797-85 20008-81 20010-81 20012-81 20068-81* 20070-81* 20072-81 20799-81 20801-81 20803-81 20008-82 20010-82 20012-82 20068-82 20070-82* 20072-82 20799-82 20801-82 20803-82 20008-84 20010-84 20012-84 20068-84 20070-84* 20072-84 20799-84 20801-84 20803-84
101U
101UP
* Black Items Are Normally Stocked. Blue Items Are Non Stock. Minimum Quantity May Be Required.
OPTIONAL MOUNTING BRACKETS
TYPE D TYPE F TYPE G TYPE H
.906 (23.01) (2) .156 (3.96) DIA. 3.00 (76.20) 2.625 (66.68) 1.25 (28.58) 1.25 (28.58) (2) .156 (3.96) DIA. 2.250 (57.15) .718 (18.24) .625 (15.88) 1.44 (36.58) 1.44 (36.58) (2) NO. 6-32 TAP
2.593 (65.86)
1.437 (36.50)
2.156 (54.76)
.625 (15.88) 1.44 (36.58)
.625 (15.88)
1.812 (46.03)
(2) NO. 6-32 TAP
1.812 (46.03) .625 (15.88)
OPTIONAL DUST COVER B-4 DUST COVER FOR SERIES 100
Sealed knock-out holes for standard conduit fittings. Relay mounts on pre-drilled base. Constructed of Aluminum. Snap action cover release. Accommodates relay series 100 and 100RF. SIZE: 4" W x 2-1/4" H x 2-1/4" D P/N 20256-80*
7


▲Up To Search▲   

 
Price & Availability of 20010-81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X